Part Number Hot Search : 
2SD2240R BCR191W EL3H7 DMC60C52 C339G 5DLCA 2N6490 2N498
Product Description
Full Text Search
 

To Download IXFH30N60P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2005 ixys all rights reserved ds99316(06/05) polarhv tm hiperfet power mosfet v dss = 600 v i d25 =30 a r ds(on) 240 m ? ? ? ? ? t rr 250 ns advance technical information n-channel enhancement mode fast recovery diode avalanche rated symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 250 a 600 v v gs(th) v ds = v gs , i d = 4 ma 2.5 5.0 v i gss v gs = 30 v, v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 240 m ? pulse test, t 300 s, duty cycle d 2 % symbol test conditions maximum ratings v dss t j = 25 c to 150 c 600 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 600 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c30a i dm t c = 25 c, pulse width limited by t jm 80 a i ar t c = 25 c30a e ar t c = 25 c50mj e as t c = 25 c 1.5 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 ? p d t c = 25 c 500 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c plastic body 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. weight to-247 6 g to-268 5 g plus220 4 g ixfh 30n60p ixft 30n60p ixfv 30n60p ixfv 30n60ps features z fast recovery diode z unclamped inductive switching (uis) rated z international standard packages z low package inductance - easy to drive and to protect g s d plus220 (ixfv) d (tab) g = gate d = drain s = source tab = drain g d s to-247 (ixfh) d (tab) plus220 (ixfv...s) g s d (tab) to-268 (ixft) g s d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 30n60p ixfv 30n60p ixfv 30n60ps ixft 30n60p fig. 2. extended output characteristics @ 25 o c 0 5 10 15 20 25 30 35 40 45 50 55 60 0 3 6 9 12 15 18 21 24 27 30 v d s - volts i d - amperes v gs = 10v 8v 7v 5v 6.5v 6v 5.5v fig. 1. output characteristics @ 25 o c 0 3 6 9 12 15 18 21 24 27 30 012345678 v d s - volts i d - amperes v gs = 10v 8v 7v 5.5v 5v 6.5v 6v ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20 v; i d = 0.5 i d25 , pulse test 15 27 s c iss 4000 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 430 pf c rss 42 pf t d(on) 29 ns t r v gs = 10 v, v ds = 0.5 i d25 20 ns t d(off) r g = 4 ? (external) 80 ns t f 25 ns q g(on) 145 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 30 nc q gd 75 nc r thjc 0.25 k/w r thck to-247, plus220 0.21 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 30 a i sm repetitive 80 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25a, -di/dt = 100 a/ s 250 ns q rm v r = 100v 0.8 c
? 2005 ixys all rights reserved ixfh 30n60p ixfv 30n60p ixfv 30n60ps ixft 30n60p fig. 3. output characteristics @ 125 o c 0 3 6 9 12 15 18 21 24 27 30 024681012141618 v d s - volts i d - amperes v gs = 10v 7v 5.5v 5v 4.5v 6v fig. 4. r ds(on ) norm alized to 0.5 i d25 value vs. junction tem perature 0.4 0.7 1 1.3 1.6 1.9 2.2 2.5 2.8 3.1 3.4 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s ( o n ) - normalize d i d = 30a i d = 15a v gs = 10v fig. 6. drain current vs. case temperature 0 5 10 15 20 25 30 35 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) norm alized to 0.5 i d25 value vs. i d 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 0 5 10 15 20 25 30 35 40 45 50 55 60 i d - amperes r d s ( o n ) - normalize d t j = 125 c t j = 25 c v gs = 10v fig. 7. input adm ittance 0 5 10 15 20 25 30 35 3.544.555.566.57 v g s - volts i d - amperes t j = 125 c 25 c -40 c fig. 8. transconductance 0 5 10 15 20 25 30 35 40 45 50 0 5 10 15 20 25 30 35 40 i d - amperes g f s - siemens t j = -40 c 25 c 125 c
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 30n60p ixfv 30n60p ixfv 30n60ps ixft 30n60p fig. 11. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 140 160 q g - nanocoulombs v g s - volts v ds = 300v i d = 15a i g = 10ma fig. 9. source current vs. source-to-drain voltage 0 10 20 30 40 50 60 70 80 90 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 v s d - volts i s - amperes t j = 125 c t j = 25 c fig. 12. maxim um transient therm al re s is t an ce 0.01 0.10 1.00 0.1 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - c / w
? 2005 ixys all rights reserved to-268 (ixtt) outline to-247 ad outline terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc d1 l l3 l1 e1 e e b d c a2 a1 a l2 terminals: 1 - gate 2 - d rain 3 - source tab - drain plus220 (ixfv) outline package outline drawings l l 3 l 2 l 1 a 1 e 1 e d 1 e b d c a2 a a3 l 4 terminals: 1-gate 2-drain e e1 d l2 a a1 l 1 l l3 e 2x b c a2 l4 a3 e1 plus220 (ixfv..s) outline e1 e l2 d l3 l l 1 3x b 2x e c a 2 a1 a e1 d1


▲Up To Search▲   

 
Price & Availability of IXFH30N60P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X